Part Number Hot Search : 
ISL54001 CBP1251 AD5645 TN9138PM 9575GI M0765RG 6200S8 LA75676M
Product Description
Full Text Search
 

To Download KPT02A9-36PWDN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KPT/KPSE
CONNECTORS
KP-6/898
KPT/KPSE
Contents
Introduction............................................................. 2 Standard Data........................................................ 3 Series KPT............................................................. 4 Series KPSE........................................................... 6 Contact arrangements............................................ 9 Wall mounting receptacles....................................13 Cable connecting plugs...........................................14 Box mounting receptacles......................................15 Thru-bulkhead receptacles....................................15 Straight plugs.......................................................16 Jam nut receptacles.............................................17 Right angle plugs.................................................18 Special versions Connectors with grounding continuity.................19 Receptacles with straight solder pins................. 22 Panel cutouts........................................................ 24 Dummy receptacle.............................................. 25 Protective caps..................................................... 26 Tools ..................................................................... 27 Assembly instructions ........................................ 28 Cross reference lists ........................................... 29 Product safety information................................... 31
Miniature circular connectors
Introduction
The miniature circular connectors series KPT and KPSE from ITT Cannon are manufactured acc. to MIL-C-26482 with three point bayonet coupling and five-keyway polarization.They offer general purpose solder connectors and high performance crimp connectors. The broad product range provides the most complete familiy of connectors conform to MILC-26482, NFC 93422 HE 301 model, VG 95328 and LN 29500 specifications. The versatility of these connectors has been proven by their usage in general as well as in high performance environmental applications. In addition to the basic series presented in this catalogue, connectors for special applications are available. They include corrosion resistant types, filter connectors for electromagnetic compatability and non-outgasing, radiation resistant versions. All connectors conform to the above mentioned specifications are fully intermateable and accept a wide range of interchangeable accessories. Thereby design modifications can be achieved more easily and at lower cost with connectors of the KPT/KPSE series.
2
Subject to changes
KPT/KPSE
Technical Data
KPT
Material and Finishes Shell Insulator Grommet and Seal Contacts Mechanical Data Shell styles 00 - Wall mounting receptacle 01 - Cable connecting plug 02 - Box mounting receptacle 8 thru 24 five keyways/three point bayonet A - General duty B - General duty with strain relief E - Grommet seal F - Grommet seal with strain relief
Miniature circular connectors
KPSE
Aluminum alloy, conductive olive drab chromate over cadmium finish per QQ-P-416 Polychloroprene Polychloroprene Polychloroprene Polychloroprene Copper alloy, gold plated Copper alloy, gold plated
07 - Jam nut receptacle 08 - Plug with 90 termination assemblies B - Thru-bulkhead receptacle (KPT only)
06 - Straight plug Shell sizes Polarisation/Coupling Service classes E - Grommet seal
G - Gland seal for jacketed cable J - Gland nut with strain relief for jacketed cable P - for potting see also pages 5 and 8
Water tightness
Operating temperature Durability Vibration
Acc. to VG 95319 Part 2, Test No. 5.9.2 For styles A to E and J to W, Z1, Z2 and Z3 and gaskets style A and B only Test pressure 0,2 bar overpressure Test duration 48 h Test temperature 25 3C The connector shall be free of moisture - 55 / 125C min. 500 mating cycles 200 m/s2 at 10 to 2000 Hz
Electrical Data Number of contacts Wire size AWG Contact termination Contact rating 2 thru 61 16 thru 24 Solder Size AWG 20 16 5000 MW Test voltage Sea level 21336 m (70 000 ft.) Rated current A 7,5 22,0 Test current A 7,5 13,0 3 thru 61 12 thru 24 Crimp Millivolt drop mV less than 55 less than 50
Insulation resistance Service rating Exception Service rating between the central contact and the housing of the coaxial contact
Service class 1 2 1 2
Vrms 1500 2300 375 550
VDC 2100 3200 535 770
With scoop proof connectors operating voltages acc. to MIL-C-26482 and VG 96912 are permitted
Operating voltage Service class 1 2 Operating voltage and connector usage
VG 95328 140 VDC/100 VAC 165 VDC/115 VAC
MIL-C-26482 850 VDC/600 VAC 1400 VDC/1000 VAC
Connectors are equipment which must not be separated or mated when used as per determination. As acc. to specification the connectors are suitable for an operating voltage of 50 V (see Product Safety Information). However, this is only valid when the connectors are free accessible during operation and consequently might be touchable. When the connectors will be operated with line voltage, ITT Cannon offers a solution, too. Please consult factory.
3
KPT/KPSE
KPT General purpose solder contact connectors
Miniature circular connectors
q General purpose q Solder termination q Closed entry socket contacts Series KPT from ITT Cannon offers general purpose connectors, qualified for use in military applications but also widely used in industrial applications calling for a circular connector with fixed contacts for solder termination. The KPT series is MIL-C-26482 approved and is intermateable with all connectors acc. to the above mentioned specifications.
4
Subject to changes
KPT/KPSE
KPT General purpose solder contact connectors
How to order*
Miniature circular connectors
KPT 02 E 22 - 36 P W
Series Prefix KPT - ITT Cannon Prefix Shell style ITT Cannon designation 00 - wall mounting receptacle 01 - cable connecting plug 02 - box mounting receptacle (class E only), not with contact arrangement 14A4 06 - straight plug 07 - jam nut receptacle (hermetic version also available) 08 - 90 angle plug B - thru-bulkhead receptacle (class E only) Class A - general duty with intermediate endbell B - general duty with strain relief (may be used for potting) E - with a grommet seal, not for 02 and 3112 (MS Spec) F - grommet seal with strain relief (MS Spec) G - gland seal for jacketed cable J - watertight gland seal with strain relief for jacketed cable P - for potting (MS Spec) Shell sizes 8, 10, 12, 14, 16, 18, 20, 22 und 24 Contact arrangement see page 9 - 11 Contact type P - pin S - socket Alternate insert position W, X, Y and Z (omit for normal) see page 12 Modification code DN - Shrink boot adapter for shell styles 00, 01, 06 and 07 DZ - Endbell for shielding braids and shrink boots. Class E will always be used for these modifications. Consult factory for other modifications. Omit first digit (0) of shell style indication when using a modification code.
*Note: The above mentioned order reference explanation refers only to the ITT Cannon ordering system. For other order references according to a specification, please consult the cross reference list on pages 29 - 30.
*
5
KPT/KPSE
KPSE High performance crimp contact connectors
q High performance q Crimp termination q Closed entry socket contacts Series KPSE environmental, miniature circular, quick disconnect connectors are designed for the exacting requirements of todays electronic industry. They are intermateable, intermountable and interchangeable with all connectors manufactured acc. to MIL-C-26482, LN 29500, VG 95328, NFC 93422 HE 301 and NFL 54125. Connectors of ITT Cannon series KPSE have obtained the VDE Expertise No. 63761.
Miniature circular connectors
1 Standard MIL-C-26482 or NFL 54 125 Hardware mates with any connector designed to MIL-C-26 482, LN 29500 or NF L 54 125 or NF C 93 422, HE 301 model 2 Crimp, snap-in contacts are designed to MIL-C-23216 and can be crimped with the standard M22520/1 crimp tool. CLOSED-ENTRY SOCKET CONTACTS eliminate damage from abuse by test probes and help to correct any misaligned pins during engagement. CONTACT INSERTION is accomplished from the rear of the connector. When the contact is fully inserted, the clip tines snap securely behind the contact shoulder. CONTACT EXTRACTION is accomplished with a front-inserted extraction tool. Pressing the tool plunger pushes the contact out through the rear of the connector. 3 Monobloc insulator does not leave any access to moisture and avoids interfacial empty space.
4 Contact retaining clip is completely encased in a tough plastic wafer to protect the clip from damage. Complete moisture sealing is achieved by combining four seals: shell, peripheral, interfacial and wire seals. SHELL SEAL is effected when the plug shell pushes against the sealing ring in the receptacle when the connectors are mated. PERIPHERAL SEAL around the edge of the pin insulator is designed so that mating the connector puts tension on the seal and greatly reduces compression set. INTERFACIAL SEAL is achieved by the insulator faces meeting when the plug and receptacle are mated. WIRE SEAL is accomplished by a multiple ripple design, exceeding the wire sealing requirements of MIL-C-26482. 5 Positive insert-to-shell mechanical retention with hard plastic wafer firmly locked into a groove in the shell, in addition to a strong adhesive bond between the insert and shell.
6
Subject to changes
KPT/KPSE
KPSE High performance crimp contact connectors
How to order acc. to VG 95328
Miniature circular connectors
VG 95328 A 18 - 1 S N
Specification Shell style A - wall mouting receptacle with straight endbell B - wall mounting receptacle with cable clamp C - box mounting receptacle D - jam nut receptacle E - jam nut receptacle with cable clamp J - straight plug with adapter DN K - straight plug with cable clamp M - straight plug, version DZ N - straight plug R - wall mounting receptacle, version DZ S - jam nut receptacle with adapter DN T - jam nut receptacle, version DZ Shell size 8, 10, 12, 14, 16, 18, 20, 22 und 24 Contact arrangement see pages 9 - 11 Contact type P - pin S - socket Alternate insert position see page 12
7
KPT/KPSE
KPSE High performance crimp contact connectors
How to order
Miniature circular connectors
KPSE 00 E 18 - 32 P X *
Series prefix KPSE - ITT Cannon prefix MS - MIL-C-26482 prefix Shell style ITT Cannon designation 00 - wall mounting receptacle 01 - cable connecting plug 02 - box mounting receptacle 06 - straight plug 07 - jam nut receptacle 08 - 90 angle plug Class A - general duty (not MS approved) B - general duty with strain relief (not MS approved) E - grommet seal (MS specification) F - grommet seal with strain relief (MS specification) G - gland seal for jacketed cable J - gland seal with strain relief for jacketed cable (not MS approved) P - for potting (MS specification) Shell style 8, 10, 12, 14, 16, 18, 20, 22 und 24 Contact arrangement see pages 9 - 11 Contact type P - pin S - socket Alternate insert position W, X, Y and Z (omit for normal), see page 12 Modification code DN - Shrink boot adapter for shell styles 00, 01, 06 and 07 DZ - Endbell for shielding braids and shrink boots. Class E will always be used for these modifications. Consult factory for other modifications. Omit first digit (0) of shell style indication when using a modification code.
*Note: The above mentioned order reference explanation refers only to the ITT Cannon ordering system. For other order references according to a specification, please consult the cross reference list on pages 29 - 30.
8
Subject to changes
KPT/KPSE
Contact Arrangements
No. of contacts Contact arrangement Contact size AWG Service rating Insulator position W X
Miniature circular connectors
Y
Z
Insulator weight (g) including contacts pin socket
2
8-2 20
1
58
122
-
-
3
8-3 20
1
60
210
-
-
3
8-3A 20
1
60
-
-
-
3
8-33 16S
1
90
-
-
-
4
8-4 16S
1
45
-
-
-
6
10-6 20
1
90
-
-
-
3
12-3 16
2
-
-
180
-
10
12-10 20
1
60
155
270
295
5
14-5 16
2
40
92
184
273
12
14-12 20 (8) 16 (4)
1
43
90
-
-
Legende KPT
KPSE
LN29500
authorized per MIL-C-26482
authorized per VG95328
9
KPT/KPSE
Contact Arrangements
No. of contacts Contact arrangement Contact size AWG Service rating Insulator position W X
Miniature circular connectors
Y
Z
Insulator weight (g) including contacts pin socket
15
14-15 20
1
17
110
155
124
19
14-19 20
1
30
165
315
-
5
14-22 12 (1) 20 (4)
1
-
-
-
-
4
14A4 Coax RG188U
1
-
-
-
-
8
16-8 16
2
54
152
180
331
23
16-23 20 (22) 16 (1)
1
158
270
-
-
26
16-26 20
1
60
-
275
338
11
18-11 16
2
62
119
241
340
32
18-32 20
1
85
138
222
265
Legende KPT
KPSE
LN29500
authorized per MIL-C-26482
authorized per VG95328
10
Subject to changes
KPT/KPSE
Contact Arrangements
No. of contacts Contact arrangement Contact size AWG Service rating Insulator position W X
Miniature circular connectors
Y
Z
Insulator weight (g) including contacts pin socket
16
20-16 16
2
238
318
333
347
5
20A6 12
2
90
180
270
-
24
20-24 20
1
70
145
215
290
39
20-39 20 (37) 16 (2)
1
63
114
252
333
41
20-41 20
1
45
126
225
-
21
22-21 16
2
16
135
175
349
36
22-36 20
1
72
144
216
288
41
22-41 20 (27) 16 (14)
1 2
39
135
264
-
55
22-55 20
1
30
142
226
314
Legende KPT
KPSE
LN29500
authorized per MIL-C-26482
authorized per VG95328
11
KPT/KPSE
Contact arrangements
No. of contacts Contact arrangement Contact size AWG Service rating Insulator position W X
Miniature circular connectors
Y
Z
Insulator weight (g) including contacts pin socket
61
24-61 20
1
90
180
270
324
Alternate Insert Position The diagram indicates alternate insert positions. The six positions N, V, W, Y, Z differ in degree of rotation for various sizes and arrangements. For the exact degree of rotation, for the list of contact arrangements and for alternate positions available, refer to the table at the right.
Shell size
8
Nbr. of contacts
2 3 3 3 8-4 6 3 10 4 5 5 12 15 19 8 23 26 11 32 5 16 24 39 41 21 36 41 55 61
Contact arr.
8-2 8-3 8-3A 8-33 10-6 12-3 12-10 14A4 14-22 14-22 14-5 14-15 14-19 16-8 16-23 16-26 18-11 18-32 20A6* 20-16 20-24 20-39 20-41 22-21 22-36 22-41 22-55 24-61
V
45 -
Degree of rotation W X
58 60 60 90 90 60 40 43 17 30 54 158 60 62 85 90 238 70 63 45 16 72 39 30 90 122 210 155 92 90 110 165 52 270 119 138 180 318 145 114 126 135 144 135 142 180
Y
-
Z
--295 273 234 331 338 340 265 347 290 333 349 288 314 324
4 10 12 14
16
18 20
22
24
180 270 184 155 315 180 275 241 222 270 333 215 252 225 175 216 264 226 270
* This contact arrangement features five contacts size 12. Four are standard contacts and one is a first-to-mate contact.
12
Subject to changes
KPT/KPSE
Wall mounting receptacles
KPT00/MS3110 KPSE00/MS3120
Miniature circular connectors
Solder KPT00/MS3110 Without termination assembly
KPT/KPSE OA +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
Crimp KPSE00/MS3120
Shell size*
x8
10 12 14 16 18 20 22 24
L max. 21,6 21,6 21,6 21,6 21,6 21,6 26,8 26,8 26,8
Q Thread Type 2A 7/16-28UNEF 9/16-24UNEF 11/16-24UNEF 13/16-20UNEF 15/16-20UNEF 1- 1/16-18UNEF 1- 3/16-18UNEF 1- 5/16-18UNEF 1- 7/16-18UNEF
K 0,25 13,5 13,5 13,5 13,5 13,5 13,5 16,5 16,5 17,3
M 0,15 11,6 11,6 11,6 11,6 11,6 11,6 14,25 14,25 15,1
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,8 34,9
S max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
T 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
KPT Z max. 12,3 12,3 12,3 12,3 12,3 12,3 10,8 10,8 10,0
With termination assemblies
Type A Typ A BA max. 15,0 18,2 21,2 24,6 27,7 30,9 33,9 37,1 40,3 Type E BE max. 14,2 17,2 20,4 23,4 26,6 29,6 32,8 36,0 39,2
Type B or F Typ B and F BBF max. 14,0 17,2 20,4 23,6 26,7 29,5 32,7 35,9 39,0
Type E
Type P
Mod. DN or F 185
Shell size*
x8
10 12 14 16 18 20 22 24
DA min. 8,5 11,8 15,0 17,9 21,1 24,1 26,5 30,4 32,8
LA max. 38,0 38,0 38,0 38,0 38,0 38,0 43,1 43,1 43,1 Type P BP max. 15,3 17,6 21,6 24,3 27,6 31,0 34,3 37,1 40,5
x in
V Thread Type 2A 1/2-28UNEF 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1 -20UNEF 1-3/16-18UNEF 1-3/16-18UNEF 1-7/16-18UNEF 1-7/16-18UNEF
C Thread 6-32 6-32 6-32 6-32 6-32 8-32 8-32 8-32 8-32
DBF min. 6,0 7,5 10,7 13,9 15,5 19,6 19,6 23,6 25,2
GBF min. 2,9 4,5 7,7 9,3 12,4 15,6 15,6 18,8 20,1
HBF max. 19,3 20,8 24,4 27,2 28,7 35,3 35,3 39,9 43,2
LBF max. 45,1 45,1 45,1 45,1 48,2 48,2 50,0 50,0 50,0
Shell size*
x8
10 12 14 16 18 20 22 24
LE max. 32,5 32,5 32,5 32,5 32,5 32,5 34,5 34,5 34,5
DP min. 8,3 11,3 14,2 17,3 20,5 23,1 26,3 29,4 32,6
LP max. 36,9 36,9 36,9 36,9 36,9 36,9 42,2 42,2 43,9
Mod. DN or F 185 D2 -0,5 15,6 18,4 23,7 24,5 29,8 32,0 36,1 38,5 41,6
L1 max. 35,0 35,0 35,0 35,0 37,0 37,0 42,0 42,0 42,0
L2 0,5 12,2 12,2 12,2 12,2 14,5 14,5 15,8 15,8 14,9
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
13
KPT/KPSE
Cable connecting plugs
KPT01/MS3111 KPSE01/MS3121
Miniature circular connectors
Solder KPT01/MS3111 Without termination assembly
KPT/KPSE OA +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
Crimp KPSE01/MS3121
Shell size*
x8
10 12 14 16 18 20 22 24
K 0,25 13,5 13,5 13,5 13,5 13,5 13,5 16,5 16,5 17,5
L max. 21,5 21,5 21,5 21,5 21,5 21,5 26,8 26,8 26,8
M 0,15 11,6 11,6 11,6 11,6 11,6 11,6 14,25 14,25 15,1
Q Thread Type 2A 7/16-28UNEF 9/16-24UNEF 11/16-24UNEF 13/16-20UNEF 15/16-20UNEF 1- 1/16-18UNEF 1- 3/16-18UNEF 1- 5/16-18UNEF 1- 7/16-18UNEF
S max. 18,5 23,0 29,0 29,5 32,0 35,0 38,5 42,0 46,0
OY max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
KPT Z max. 12,3 12,3 12,3 12,3 12,3 12,3 10,8 10,8 10,0
With termination assemblies
Type A Typ A BA max. 15,0 18,2 21,2 24,6 27,7 30,9 33,9 37,1 40,3 Type E BE max. 14,2 17,2 20,4 23,4 26,6 29,6 32,8 36,0 39,2
Type B or F Type B and F BBF max. 14,0 17,2 20,4 23,6 26,7 29,5 32,7 35,9 39,0
Type E
Type P
Mod. DN or F 185
Shell size*
x8
10 12 14 16 18 20 22 24
DA min. 8,5 11,8 15,0 17,9 21,1 24,1 26,5 30,4 32,8
LA max. 38,0 38,0 38,0 38,0 38,0 38,0 43,1 43,1 43,1 Type P BP max. 15,3 17,6 21,6 24,3 27,6 31,0 34,3 37,1 40,5
xin
V Thread Type 2A 1/2-28UNEF 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1 -20UNEF 1-3/16-18UNEF 1-3/16-18UNEF 1-7/16-18UNEF 1-7/16-18UNEF
C Thread 6-32 6-32 6-32 6-32 6-32 8-32 8-32 8-32 8-32
DBF min. 6,0 7,5 10,7 13,9 15,5 19,6 19,6 23,6 25,2
GBF min. 2,9 4,5 7,7 9,3 12,4 15,6 15,6 18,8 20,1
HBF max. 19,3 20,8 24,4 27,2 28,7 35,3 35,3 39,9 43,2
LBF max. 46,0 46,0 46,0 46,0 49,0 49,0 51,1 51,1 51,1
Shell size*
x8
10 12 14 16 18 20 22 24
LE max. 32,5 32,5 32,5 32,5 32,5 32,5 34,5 34,5 34,5
DP min. 8,3 11,3 14,2 17,3 20,5 23,1 26,3 29,4 32,6
LP max. 36,9 36,9 36,9 36,9 36,9 36,9 42,2 42,2 43,9
Mod. DN or F 185 D2 -0,5 15,6 18,4 23,7 24,5 29,8 32,0 36,1 38,5 41,6
L1 max. 35,0 35,0 35,0 35,0 37,0 37,0 42,0 42,0 42,0
L2 0,5 12,2 12,2 12,2 12,2 14,5 14,5 15,8 15,8 14,9
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available Subject to changes
14
KPT/KPSE
Box mounting receptacles
KPT02/MS3112 KPSE02/MS3122
Miniature circular connectors
Solder KPT02/MS3112 Without termination assemblies
KPT/KPSE OA +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
Crimp KPSE02/MS3122
Shell size*
x8
10 12 14 16 18 20 22 24
L max. 21,1 21,1 21,1 21,1 21,1 21,1 22,7 22,7 22,7
N max. 11,1 14,3 17,5 20,6 23,8 27,0 30,2 33,4 36,5
xin
K 0,25 13,5 13,5 13,5 13,5 13,5 13,5 16,5 16,5 17,3
M 0,15 11,6 11,6 11,6 11,6 11,6 11,6 14,25 14,25 15,1
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,8 34,9
S max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
T 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
KPT Z max. 12,3 12,3 12,3 12,3 12,3 12,3 10,8 10,8 10,0
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
Thru-bulkhead receptacles
KPTB/MS3119
KPTB/MS3119 Receptacle assembly
Shell size*
x8
10 12 14 16 18 20 22 24
OA +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
K 0,5 16,1 16,1 16,1 16,1 16,1 16,1 20,1 20,1 20,1
xin
L max. 28,6 28,6 28,6 28,6 28,6 28,6 31,9 31,9 31,9
M 0,25 14,5 14,5 14,5 14,5 14,5 14,5 17,7 17,7 17,7
T max. 6,0 6,0 6,0 6,0 6,0 6,0 9,2 9,2 8,0
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,8 34,9
S max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
X 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
15
KPT/KPSE
Straight plugs
KPT06/MS3116 KPSE06/MS3126
Miniature circular connectors
Solder KPT06/MS3116 Without termination assemblies
KPT/KPSE G max. 19,8 23,6 26,5 30,1 33,2 35,4 39,0 42,1 45,2
Crimp KPSE06/MS3126
Shell size*
x8
10 12 14 16 18 20 22 24
JL 0,15 9,1 9,1 9,1 9,1 9,1 9,1 10,7 10,7 10,7
Q Thread max. 21,4 21,4 21,4 21,4 21,4 21,4 25,1 25,1 25,1
KPT Z Thread Type 2A 7/16-28UNEF 9/16-24UNEF 11/16-24UNEF 13/16-20UNEF 15/16-20UNEF 1- 1/16-18UNEF 1- 3/16-18UNEF 1- 5/16-18UNEF 1- 7/16-18UNEF
max. 16,3 16,3 16,3 16,3 16,3 16,3 15,0 15,0 15,0
With termination assemblies
Type A Type A BA max. 15,0 18,2 21,2 24,6 27,7 30,9 33,9 37,1 40,3 Type E BE max. 14,2 17,2 20,4 23,4 26,6 29,6 32,8 36,0 39,2
Type B or F Typ B and F BBF max. 14,0 17,2 20,4 23,6 26,7 29,5 32,7 35,9 39,0
Type E
Type P
Mod. DN or F 185
Shell size*
x8
10 12 14 16 18 20 22 24
DA min. 8,5 11,8 15,0 17,9 21,1 24,1 26,5 30,4 32,8
LA max. 42,0 42,0 42,0 42,0 42,0 42,0 45,0 45,0 45,0 Type P BP max. 15,3 17,6 21,6 24,3 27,6 31,0 34,3 37,1 40,5
xin
V Thread Type 2A 1/2-28UNEF 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1 -20UNEF 1-3/16-18UNEF 1-3/16-18UNEF 1-7/16-18UNEF 1-7/16-18UNEF
C Thread 6-32 6-32 6-32 6-32 6-32 8-32 8-32 8-32 8-32
DBF min. 6,0 7,5 10,7 13,9 15,5 19,6 19,6 23,6 25,2 Mod. DN or F 185 D2 -0,5 15,6 18,4 23,7 24,5 29,8 32,0 36,1 38,5 41,6
GBF min. 2,9 4,5 7,7 9,3 12,4 15,6 15,6 18,8 20,1
HBF max. 19,3 20,8 24,4 27,2 28,7 35,3 35,3 39,9 43,2
LBF max. 46,0 46,0 46,0 46,0 49,0 49,0 49,0 49,0 49,0
Shell size*
x8
10 12 14 16 18 20 22 24
LE max. 32,5 32,5 32,5 32,5 32,5 32,5 34,5 34,5 34,5
DP min. 8,3 11,3 14,2 17,3 20,5 23,1 26,3 29,4 32,6
LP max. 36,9 36,9 36,9 36,9 36,9 36,9 42,2 42,2 43,9
L1 max. 35,0 35,0 35,0 35,0 37,0 37,0 42,0 42,0 42,0
L2 0,5 12,2 12,2 12,2 12,2 14,5 14,5 15,8 15,8 14,9
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available Subject to changes
16
KPT/KPSE
Jam nut receptacle
KPT07/MS3114 KPSE07/MS3124
Miniature circular connectors
Solder KPT07/MS3114 Type A Without termination assemblies
KPT/KPSE A +0,03 -0,13 12,0 15,0 19,05 22,23 25,40 28,58 31,75 34,93 38,10
Crimp KPSE07/MS3124
Shell size*
x8
10 12 14 16 18 20 22 24
F 0,15 13,3 16,5 20,6 23,8 26,9 30,1 33,3 36,5 39,6
H 0,15 19,0 22,2 27,0 30,2 33,3 36,5 39,7 42,9 46,0
K 0,25 3,2 3,2 3,2 3,2 3,2 3,2 4,0 4,0 4,0
xin
M 0,15 17,7 17,7 17,7 17,7 17,7 17,7 22,5 22,5 23,3
R Thread Type 2A 9/16-24UNEF 11/16-24UNEF 7/8-20UNEF 1 -20UNEF 1- 1/8-18UNEF 1- 1/4-18UNEF 1- 3/8-18UNEF 1- 1/2-18UNEF 1- 5/8-18UNEF
S 0,5 24,0 27,0 32,0 35,0 38,5 41,5 46,0 49,5 52,5
T Panel thickness min. max. 1,6 3,5 1,6 3,5 1,6 3,5 1,6 3,5 1,6 3,5 1,6 3,5 1,6 6,5 1,6 6,5 1,6 6,5
KPT OY max. 28,0 31,0 36,0 39,0 42,0 45,0 50,0 55,0 57,0
Z max. 7,9 7,9 7,9 7,9 7,9 7,9 4,7 4,7 3,8
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
With termination assemblies
Type B or F
Type E
Modification DN or F 185
Shell size*
x8
10 12 14 16 18 20 22 24
Type B and F BBF max. 18,2 21,5 24,6 27,8 31,0 34,1 38,1 41,3 44,5
DBF min. 6,0 7,5 10,7 13,9 15,5 19,6 19,6 23,6 25,2
GBF min. 2,9 4,5 7,7 9,3 12,4 15,6 15,6 18,8 20,1
xin
HBF max. 19,3 20,8 24,2 27,2 28,7 35,3 35,3 39,8 43,2
Type E LBF max. 44,9 44,9 44,9 44,9 48,4 48,4 50,3 50,3 50,3
BE max. 18,2 21,5 24,6 27,8 31,0 34,1 38,1 41,3 44,5
Type DN LE max. 33,5 33,5 33,5 33,5 33,5 33,5 39,0 39,0 39,0
L1 max. 43,0 43,0 43,0 43,0 45,5 45,5 52,6 52,6 51,6
L2 0,5 12,2 12,2 12,2 12,2 14,5 14,5 15,8 15,8 14,9
D2 max. 15,6 18,4 23,7 24,7 29,8 32,0 36,1 28,5 41,6
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
17
KPT/KPSE
Right angle plug, 90
KPT08 KPSE08
Miniature circular connectors
Solder KPT08
Crimp KPSE08
Without termination assemblies
KPT/KPSE G max. 19,8 23,6 26,5 30,1 33,2 35,4 39,0 42,1 45,2 KPT Z max. 16,3 16,3 16,3 16,3 16,3 16,3 15,0 15,0 15,0
Shell size*
x8
10 12 14 16 18 20 22 24
J 0,15 9,1 9,1 9,1 9,1 9,1 9,1 10,7 10,7 10,7
xin
L max. 21,4 21,4 21,4 21,4 21,4 21,4 25,1 25,1 25,1
Q Thread Type 2A 7/16-28UNEF 9/16-24UNEF 11/16-24UNEF 13/16-20UNEF 15/16-20UNEF 1- 1/16-18UNEF 1- 3/16-18UNEF 1- 5/16-18UNEF 1- 7/16-18UNEF
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
With termination assemblies
Typ A or E
Type B or F
Shell size*
x8
10 12 14 16 18 20 22 24
Typ A and E BAE max. 15,6 18,9 21,2 24,8 27,7 31,4 34,7 36,9 41,1
LAE max. 36,1 38,3 40,9 41,6 42,5 44,7 48,3 52,1 52,1
xin
DAE max. 20,9 21,7 23,3 24,9 26,5 28,1 29,6 31,7 33,6
V Thread Type 2A 1/2-28UNEF 5/8-24UNEF 3/4-20UNEF 7/8-20UNEF 1 -20UNEF 1-3/16-18UNEF 1-3/16-18UNEF 1-7/16-18UNEF 1-7/16-18UNEF
Type B and F BBF max. 15,6 18,9 21,2 24,8 27,7 31,4 34,7 36,9 41,1
DBF max. 31,4 32,2 35,4 38,6 40,2 41,8 43,4 47,9 49,9
LBF max. 36,1 38,3 40,9 41,6 42,5 44,7 48,3 52,1 52,1
* See page 5, 7 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available Subject to changes
18
KPT/KPSE
Special versions with grounding continuity
These connectors are designed to ensure electrical continuity q at the cable shielding level (to protect it against radio frequency intererences) q at the grounding level (if it is connected to the shielding). The plugs are manufactured with grounding fingers soldered to the front face of the shell. They make contact with the inner side of the receptacle shell. Plug and receptacle feature a special endbell which supports the cable shielding. The connectors are in accordance with the VG 95328 specification.
Miniature circular connectors
Receptacle with grounding continuity (for shielded cable)
KPT/KPSE 0E ... DZ
Shell size*
x8
10 12 14 16 18 20 22 24
A +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
B min. 6,6 9,2 12,2 15,2 18,3 20,0 23,0 26,0 28,8
C +0,5 16,0 18,0 22,0 25,0 28,0 32,0 34,0 38,0 41,0
D max. 13,3 16,1 20,0 22,2 26,2 28,5 32,5 34,8 37,9
xin
E 1,00 15,0 15,0 17,0 18,0 18,0 18,0 18,0 18,0 18,0
K 0,25 13,5 13,5 13,5 13,5 13,5 13,5 16,5 16,5 17,3
L max. 52,0 52,0 52,0 53,0 53,0 53,0 58,0 58,0 58,0
M 0,15 11,6 11,6 11,6 11,6 11,6 11,6 14,25 14,25 15,1
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,7 34,9
S max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
OT 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
* See pages 5 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
19
KPT/KPSE
Cable connecting plug with grounding continuity (for shielding cable)
KPT/KPSE 1E ... DZ
Miniature circular connectors
Shell size*
x8
10 12 14 16 18 20 22 24
A +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
B min. 6,6 9,2 12,2 15,2 18,3 20,0 23,0 26,0 28,8
C +0,50 16,0 18,0 22,0 25,0 28,0 32,0 34,0 38,0 41,0
xin
D max. 13,3 16,1 20,0 22,2 26,2 28,5 32,5 34,8 37,9
E 1,0 15,0 15,0 17,0 18,0 18,0 18,0 18,0 18,0 18,0
K 0,25 13,5 13,5 13,5 13,5 13,5 13,5 16,5 16,5 17,5
L max. 52,0 52,0 52,0 53,0 53,0 53,0 58,0 58,0 58,0
M 0,15 11,6 11,6 11,6 11,6 11,6 11,6 14,25 14,25 15,10
S max. 18,5 23,0 29,0 29,5 32,0 35,0 38,5 42,0 46,0
OY max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
* See pages 5 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
Straight plug with grounding continuity
KPT/KPSE6E.DZ
Shell size*
x8
10 12 14 16 18 20 22 24
A min. 6,6 9,2 12,2 15,2 18,3 20,0 23,0 26,0 28,8
B +0,50 16,0 18,0 22,0 25,0 28,0 32,0 34,0 38,0 41,0
xin
C max. 19,1 22,0 26,2 29,4 32,8 35,4 39,0 42,1 45,2
D max. 20,0 15,0 26,0 30,0 33,0 36,0 40,0 43,0 46,0
E 1,0 15,0 15,0 17,0 18,0 18,0 18,0 18,0 18,0 18,0
L max. 48,0 48,0 48,0 49,0 49,0 49,0 53,0 53,0 53,0
S 0,2 17,0 19,0 23,0 26,0 29,0 33,0 35,0 39,0 42,0
* See pages 5 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
20
Subject to changes
KPT/KPSE
Jam nut receptacle with grounding continuity (for shielded cable)
KPT/KPSE 7E ... DZ
Miniature circular connectors
Shellsize
x8
10 12 14 16 18 20 22 24
OA min. 6,6 9,2 12,2 15,2 18,3 20,0 23,0 26,0 28,8
OB +0,5 16,0 18,0 22,0 25,0 28,0 32,0 34,0 38,0 41,0
xin
OC max. 18,2 21,4 24,6 27,8 30,9 34,1 38,1 41,3 44,4
D max. 13,3 16,1 20,0 22,2 26,2 28,5 32,5 34,8 37,9
E 1,0 15,0 15,0 17,0 18,0 18,0 18,0 18,0 18,0 18,0
L max. 47,0 47,0 49,0 50,0 50,0 50,0 55,0 55,0 55,0
S 0,25 23,0 27,0 31,7 34,9 38,1 41,3 46,0 49,2 52,3
T 0,25 19,0 22,2 27,0 30,2 33,3 36,5 39,7 42,9 46,0
* See pages 5 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
Assembly of a connector with a ground continuity endbell
KPT/KPSE ... DZ
Shell size*
x8
10 12 14 16 18 20 22 24
A max. 6,6 9,2 12,2 152 18,3 20,0 23,0 26,0 28,8
B max. 8,0 10,0 14,0 17,0 20,0 24,0 27,0 30,0 33,0
xin
* See pages 5 and 8 for ordering number information
series KPSE only contact arrangements 8-3A and 8-33 available
21
KPT/KPSE
Receptacles with straight solder pins
How to order
Miniature circular connectors
KPT 2 E 22 - 36
PW*
Series KPT - ITT Cannon designation Shell type ITT Cannon designation 2 - box mounting receptacle (only class E), not layout 14 A 4 7 - jam nut receptacle (hermetic version also available) Class A - general duty (shell type 7 only) E - with grommet seal, not for 02 and 3112 (MS-Spezification), only shell type 2 Shell size 8, 10, 12, 14, 16, 18, 20, 22 und 24 Contact arrangements see page 9 - 11 Contact type P - pin S - socket Alternate insert position W, X, Y and Z (omit for normal position) see page 12 Modification EW - solder pin 0,6 x 7 mm EX - solder pin 0,76 x 7 mm
22
Subject to changes
KPT/KPSE
Box mounting receptacle
KPT 2* P/S** .***
Miniature circular connectors
Shell size 8 10 12 14 16 18 20 22 24 Order ref. see page 22
A +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
K 0,25 13,50 13,50 13,50 13,50 13,50 13,50 16,50 16,50 17,30
L max. 21,1 21,1 21,1 21,1 21,1 21,1 22,7 22,7 22,7
M 0,15 11,60 11,60 11,60 11,60 11,60 11,60 14,25 14,25 15,10
N max. 11,10 14,30 17,50 20,60 23,80 27,00 30,20 33,40 36,50
R 0,15 15,10 18,30 20,60 23,00 24,60 27,00 29,40 31,70 34,90
S max. 21,00 24,20 26,60 29,00 31,30 33,70 36,90 40,10 43,30
OT 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
Jam nut receptacle
KPT 7* P/S** .***
Shell size* 8 10 12 14 16 18 20 22 24
A +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
F 0,15 13,3 16,5 20,6 23,8 26,9 30,1 33,3 36,5 39,6
H 0,15 19,0 22,2 27,0 30,2 33,3 36,5 39,7 42,9 46,0
K 0,25 3,2 3,2 3,2 3,2 3,2 3,2 4,0 4,0 4,0
M 0,15 17,7 17,7 17,7 17,7 17,7 17,7 22,5 22,5 23,3
R Thread Type 2 A 9/16-24UNEF 11/16-24UNEF 7/8-20UNEF 1- 20UNEF 1- 1/8-18UNEF 1- 1/4-18UNEF 1- 3/8-18UNEF 1- 1/2-18UNEF 1- 5/8-18UNEF
S 0,5 24,0 27,0 32,0 35,0 38,5 41,5 46,0 49,5 52,5
Panel thickness min. 1,6 1,6 1,6 1,6 1,6 1,6 1,6 1,6 1,6
Y max. 28,0 31,0 36,0 39,0 42,0 45,0 50,0 55,0 57,0
Order ref. see page 22
23
KPT/KPSE
Panel cutouts
Box and wall mounting receptacle Shell size 8 10 12 14 16 18 20 22 24 for rear mounting D +0,25 / -0 14 17 22 25 28 31 34,5 37,5 41
Miniature circular connectors
for front mounting D +0,25 / -0 12,7 16 19 22,2 25,5 28,5 31,7 35 38
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,8 34,9
Mounting hole diameter Shell size 8 10 12 14 16 18 20 22 24 KPT/KPSE T +0,3 3,1 3,1 3,1 3,1 3,1 3,1 3,1 3,1 3,6 P - Panel thickness screw head height included 2,2 2,2 2,2 2,2 2,2 2,2 5,4 5,4 5,4
front mounting
rear mounting
Jam nut receptacle Shell size 8 10 12 14 16 18 20 22 24 KPT/KPSE A +0,25 -0 14,5 17,7 22,7 25,7 28,8 32 35,1 38,4 41,5
B +0 -0,12 13,6 16,8 20,9 24,1 27,2 30,4 33,6 36,8 40
24
Subject to changes
KPT/KPSE
Dummy receptacles
How to order KPT MS Series Dummy receptacle Shell size Flange A-Standard 15 3115 8 10
Miniature circular connectors
A A
Shell size *8A * 10 A * 12 A * 14 A * 16 A * 18 A * 20 A * 22 A * 24 A
A +0,03 -0,13 12,00 15,00 19,05 22,23 25,40 28,58 31,75 34,93 38,10
K 0,4 1,6 1,6 1,6 1,6 1,6 1,6 2,4 2,4 2,4
M 0,15 12,1 12,1 12,1 12,1 12,1 12,1 14,5 14,5 15,4
R 0,15 15,1 18,3 20,6 23,0 24,6 27,0 29,4 31,8 34,9
S max. 21,0 24,2 26,6 29,0 31,3 33,7 36,9 40,1 43,3
OT 0,15 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,05 3,75
* Add KPT 15 or MS 3115 prefixes
25
KPT/KPSE
Protective caps
Material and finishes
Protective cap Sash chain Cord Ring Clip Gasket Endlink / rivet Bayonet pin Finishes A34 A66 Aluminum alloy Stainless steel Polyamide Stainless steel Aluminum alloy Fluor Silicone Stainless steel, passivated Stainless steel, passivated Nickel Olive drab chromate over cadmium
Miniature circular connectors
80 / 3180 - for plugs cap with nylon cord D / preferred type
How to order KPT80 - 10 D - A34 MS3180 - 10
Series KPT80 - for plug KPT81 - for receptacle Shell size 8 - 24 Termination D - Preferred type: with nylon cord and end link clip and end link attached C - sash chain N - sash chain with ring (81 or 3181 only) Modification A34 - nickel plated without code = A66 - oliv drab chromate over cadmium
81 / 3181 - for receptacles cap with nylon cord D / preferred type
VG95328 - Z2 C 10
VG Specification Style Z1 - for receptacle Z2 - for plug Termination C - with nylon cord and end link clip and end link attached Shell size 8 - 24 Shell 8 10 12 14 16 18 20 22 24 A size 18,26 21,44 25,40 28,58 31,75 34,92 38,10 41,28 44,45 L1 max 19,84 19,84 19,84 19,84 19,84 19,84 21,44 21,44 22,22 B max. 18,0 20,3 25,1 28,2 31.5 34,5 37,8 40,9 44,2 L2 max. 21,44 21,44 21,44 21,44 21,44 21,44 21,44 21,44 22,22 H max. 76 76 89 89 89 89 101 101 101 N 14,7 17,9 22,6 25,8 29,0 32,2 35,3 38,5 41,7
Crimp tool for clips upon request 80 / 3180 - for plugs cap with sash chain C or N 81 / 3181 - for receptacles cap with sash chain C or N
26
Subject to changes
KPT/KPSE
Tools and Accessories
Crimp tools
Series KPSE Hand crimp tool M22520/1-01 Locator for contact sizes 20, 16 and 12 M22520/1-02
Miniature circular connectors
Test gage for Hand crimp tool M22520/3-1
Insertion/Extraction tool
KPSE
Contact size 20 without insulation support 20 with insulation support 16 12 Insertion tool MS MS24256A20 MS24256A16 MS24256A12 ITT Cannon CIT-20-18 CIT-20-5A CIT-16-1 Extraction tool MS/ITT Cannon MS24256R20 MS24256R20 MS24256R16 MS24256R12 LN W0,6LN29500 W0,6LN29500 W1,2LN29500
KPT14A4
Contact type Coaxial Insertion tool Extraction tool CET-C 6 B
Contacts
KPSE/VG 95328
Contact size 20 Contact type Socket with insulation support Pin with insulation support Socket Pin Socket Pin Grounding pin Contact order ref. KPSE version 031-8704-203 430-8560-006 031-8704-000 430-8560-004 031-8704-012 430-8560-016 430-8560-020 VG 95328 version 031-8704-203 430-8560-006 031-8704-000 430-8560-004
16 12
KPT14A4
Coaxial PIn Socket DM 53740-5001 DM 53742-5001
Wire hole fillers/Grommet sealing plugs
KPSE
Contact size 20 16 12 Koax 14A4 Colour code Red Blue Yellow Yellow MS MS3187A20 MS3187-16A MS3187-12 LN BL0,6LN 29500 BL1,2LN 29500 ITT Cannon 225-1012-000 225-1011-000 225-0072-000 225-0018-000
Flange gaskets
KPSE
Shell size 8 10 12 14 16 Alu-Flex conductive 075-8543-000 075-8543-001 075-8543-002 075-8543-003 075-8543-004 Chloroprene non conductive 075-8543-010 075-8543-011 075-8543-012 075-8543-013 075-8543-014 Shell size 18 20 22 24 Alu-Flex conductive 075-8543-005 075-8543-006 075-8543-007 075-8543-008 Chloroprene non conductive 075-8543-015 075-8543-016 075-8543-017 075-8543-018
27
KPT/KPSE
Contact size 20 16 12 14A4 Coax Cable size mm2 (AWG) 0,93-0,21 (20-24) 1,91-0,60 (16-20) 3,18-1,91 (12-14) RG179B/u Strip insulation 5,0 mm 6,5 mm 6,5 mm
Assembly connectors Miniature circularInstructions
Crimping contacts 1. Strip wires according to the table above taking care not to cut or nick strands.
2. Insert stripped wire into contact crimp pot. Wire must be visible thru inspection hole.
3. Using correct crimp tool and locator, cycle the tool once to be sure the indentors are open. Insert contact and wire into locator. Squeeze tool handles firmly and completely to insure a proper crimp. The tool will not release unless the crimp indentors in the tool head have been fully actuated.
4. Release crimped contact and wire from tool. Be certain the wire is visible thru inspection hole in contact.
Contact insertion 5. Remove hardware from plug and receptacle. Slide hardware over wire bundle in proper order for reassembly.
6. Use the proper contact insertion tool, and slide the tool over the terminal end of the contact. The size 16 contact lies in the tool and the tool tip butts against the contact shoulder. The rear, or insulation support, of the size 20 contact butts against an internal shoulder in the tool tip.
7. Beginning from center cavity and working outwards, insert wired contacts into rear of connector by hand until the front of the contact shoulder is no more than 1/8" from the grommet. Holding the connector securely, position tool behind contact. Push tool straight into contact cavity until contact snaps into position. A light pull on wire will assure that contact is locked securely. Repeat for remaining contacts.
8. Use wire hole fillers or grommet sealing plugs to fill any empty cavities and assemble hardware to rear of plug or receptacle.
Completion 9. Check face of plug or receptacle for proper contact installation.
Contact extraction 10. Slide hardware back over wire bundle. Using proper extraction tool or extraction end of proper insertion/ extraction tool, proceed as follows:
11. Use the proper extraction tool. There are two lines on the clip sleeve which are vital to the contact removal process. The first index line is used for removing
pin contacts while the second index line is for removing socket contacts. Carefully place the tool tip over the contact to be extracted until the tool tip touches the insulator face. Carefully rotate the tool until the index line is slightly below the insulator face. Keep an even pressure against tool body; push plunger forward with thumb and index finger; and push the contact out through the clip. Carefully remove extraction tool from connector. Pull the wire by hand to complete the removal of the contact.
Please ask for our detailed Assembly Instruction
28
Subject to changes
KPT/KPSE
Cross Reference List KPT/MIL-C-26482, NFL 54125, VG 95328
Part No. KPT ITT Cannon KPT00B*-*** KPT00B*-*** KPT00E*-*** KPT00F*-*** KPT00G*-*** KPT00J*-*** KPT00P*-*** KPT0E*-***DN KPT0E*-***DZ KPT01A*-*** KPT01B*-*** KPT01E*-*** KPT01F*-*** KPT01G*-*** KPT01J*-*** KPT01P*-*** KPT1E*-***DN KPT06A*-*** KPT06B*-*** KPT06E*-*** KPT06F*-*** KPT06G*-*** KPT1E*-***DZ Part No. MIL-26482 Part No. NFL 54125 25100A*-***50 25100AC*-***50 25100E*-***50 25100EC*-***50 25100J*-***50 25100P*-***50 Part No. VG 95328
Miniature circular connectors
Part No. LN 29500
MS3110E*-*** MS3110E*-*** MS3110J*-*** MS3110P*-***
MS3111E*-*** MS3111F*-*** MS3111J*-*** MS3111P*-***
25101A*-***50 25101AC*-***50 25101E*-***50 25101EC*-***50 25101J*-***50 25101P*-***50 25106A*-***50 25106AC*-***50 25106E*-***50 25106EC*-***50 25106J*-***50 25102E*-***50Y11* 25107A*-***50Y11*
MS3116E*-*** MS3116F*-***
KPT06J*-*** KPT06P*-*** KPT6A*-***88 KPT6E*-***DN KPT6E*-***DZ KPT02E*-*** KPT07A*-*** KPT07E*-*** KPT07F*-*** KPT08E*-*** KPT08F*-*** KPT08P*-*** KPT7E*-***DN KPTB*-***
MS3116J*-*** MS3116P*-***
25106P*-***50
MS3112E*-*** MS3114E*-*** MS3114F*-***
25102E*-***50 25107A*-***50 25107E*-***50 25107EC*-***50 25108EC*-***50 25108P*-***50
H*-***VG 95328
MS3119E*-***
251B*-***
Please note: Connectors acc. to VG 95328 and connectors of ITT Cannon series KPSE use different contacts - see page 27
Cross Reference List Protective Caps
Part No.
ITT Cannon KPT80 KPT80...C KPT81 KPT81...C KPT81...N
Part No.
MIL-C-26482 MS 3180 MS 3180...C MS 3181 MS 3181...C MS 3181...N
Part No. NFL 54125
Part No. VG95328 Z 2...VG 95328 Z 1...VG 95328
Part No. LN 29500
29
KPT/KPSE
Cross Reference List KPSE/MIL-C-26482, NFL 54125, VG95328
Part No. KPSE ITT Cannon KPSE00A*-*** KPSE00B*-*** KPSE00E*-*** KPSE00F*-*** KPSE0E*-***DZ KPSE00J*-*** KPSE00P*-*** KPSE0E*-***DN KPSE00G*-*** KSPE01A*-*** KPSE01B*-*** KPSE01E*-*** KPSE01F*-*** KPSE01G*-*** KPSE01J*-*** KPSE01P*-*** KPSE*-***DN KPSE02E*-*** KPSE06A*-*** KPSE06B*-*** KPSE06E*-*** KPSE06F*-*** KPSE06G*-*** KPSE06J*-*** KPSE06P*-*** KPSE6A*-***88 KPSE6E*-***88 KPSE6E*-***DN KPSE6E*-***DZ KPSE07A*-*** KPSE1E*-***DZ KPSE7E*-***DN KPSE07E*-*** KPSE07F*-*** KPSE08E*-*** KPSE08F*-*** KPSE08P*-*** KPSE7E*-***DZ Part No. MIL-C-26482 Part No. NFL 54-125 25100RA*-***50 25100R*-***50 25100RC*-***50 Part No. VG 95328
Miniature circular connectors
MS3120E*-*** MS3120F*-***
A*-***VG 95328 B*-***VG 95328 R*-***VG 95328
MS3120P*-***
25100RP*-***50 25106RJ*-***50
25101RA*-***50 MS3121E*-*** MS3121F*-*** 25101R*-***50 25101RC*-***50 25101RJ*-***50 25101RP*-***50 25102R*-***50 25106RA*-***50 25106R*-*** 25106RC*-***50 25106RJ*-***50 25106RP*-***50 N*-***VG 95328 J*-***VG 9532 M*-***VG 95328 25107RA*-***50 S*-***VG 95328 D*-***VG 95328 E*-***VG 95328 C*-***VG 95328
MS3121P*-*** MS3122E*-***
MS3126E*-*** MS3126F*-***
K*-***VG 95328
MS3126P*-***
MS3124E*-*** MS3124F*-***
25107R*-***50 25107RC*-***50 25108RC*-***50 25108RP*-***50
T*-***VG 95328
Please note: Connectors acc. to VG 95328 and connectors of ITT Cannon series KPSE use different contacts - see page 27
30
Subject to changes
KPT/KPSE
Product Safety Information
THIS NOTE SHOULD BE READ IN CON-JUNCTION WITH THE PRODUCT DATA SHEET/CATALOGUE. FAILURE TO OB-SERVE THE ADVICE IN THIS INFORMATION SHEET AND THE OPERATING CONDITIONS SPECIFIED IN THE PRODUCT DATA SHEET/ CATALOGUE COULD RESULT IN HAZAR-DUOUS SITUATIONS. 1. MATERIAL CONTENT AND PHYSICAL FORM Electrical connectors do not usually contain hazardous materials. They contain conducting and non-conducting materials and can be divided into two groups. a) Printed circuit types and low cost audio types which employ all plastic insulators and casings. b) Rugged, Fire Barrier and High Reliability types with metal casings and either natural rubber, synthetic rubber, plastic or glass insulating materials. Contact materials vary with type of connector and also application and are usually manufactured from either copper, alloys, nickel, alumel, chromel or steel. In special applications, other alloys may be specified. 2. FIRE CHARACTERISTICS AND ELECTRIC SHOCK HAZARD There is no fire hazard when the connector is correctly wired and used within the specified parameters. Incorrect wiring or assembly of the connector or careless use of metal tools or conductive fluids, or transit damage to any of the component parts may cause electric shock or burns. Live circuits must be broken by separating mated connectors as this may cause arcing, ionisation and burning. Heat dissipation is greater at maximum resistance in a circuit. Hot spots may occur when resistance is raised locally by damage, e.g. cracked or deformed contacts, broken strangs of wire. Local overheating may also result from the use of the incorrect application tools or from poor quality soldering or slack screw terminals. Overheating may occur if the ratings in the Product Data Sheet/ Catalogue are exceeded and can cause breakdown of insulation and hence electric shock. If heating is allowed to continue it intensifies by further increasing the local resistance through loss of temper of spring contacts, formation of oxide film on contacts and wires, and leakage currents through carbonisation of insulation and tracking paths. Fire can then result in the presence of combustible materials and this may release noxious fumes. Overheating may not be visually apparent. Burns may result from touching overheated components. 3. HANDLING Care must be taken to avoid damage to any component parts of electrical connectors during installation and use. Although there are normally no sharp edges, care must be taken when handling certain components to avoid injury to fingers. Electrical connectors may be damaged in transit to the customers, and damage may result in creation of hazards. Products should therefore be examined prior to installation/use and rejected if found to be damaged. 4. DISPOSAL Incineration of certain materials may release noxious or even oxid fumes. 5. APPLICATION Connectors with exposed contacts should not be selected for use on the current supply side of an electrical circuit, because an electric shock could result from touching exposed contacts on an unmated connector. Voltages in excess of 30 V ac or 42.5 V dc are potentially hazardous and care should be taken to ensure that such voltages can not be transmitted in any way to exposed metal parts of the connector body. The connector and wiring should be checked, before making live, to have no damage to metal parts of insulators, no solder blobs, loose strands, conducting lubricants, swarf, or any other undersired conducting particles. Insulation resistance should be checked to make certain that no low resistance joints or spurious conducting path are existing between contacts and exposed metal parts of the connector body. Further the contact resistance of the connectors should be measured within the electrical circuit in order to identify high resistances which result in excessive connector heating.
Miniature circular connectors
Always use the correct application tools as specified in the Data Sheet/Catalogue. Do not permit untrained personnel to wire, assemble or tramper with connectors. For operation voltage please see appropriate national regulations IMPORTANT GENERAL INFORMATION. 1. Air and creepage paths/Operating voltage The admissible operating voltages depend on the individual applications and the valid national and other applicable safety regulations. For this reason the air and creepage path date are only reference values. Observe reduction of air and creepage paths due to PC board and/or harnessing. 2. Temperature All information given are temperature limits. The operation temperature depends on the individual application. 3. Other important information Cannon continuously endeavours to improve their products. Therefore, Cannon products may deviate from the description, technical data and shape as shown in this catalogue and data sheets. 4. Harnessing and Assembly Instructions If applicable, our special harnessing and/or assembly instruction has to be adhered to. This is provided at request.
ITT Cannon manufactures the highest quality products available in the marketplace; however these products are intended to be used in accordance with the specifications in this catalog. Any use or application that deviates from stated operating specifications is not recommended and may be unsafe. No information and data contained in this catalog shall be construed to create any liability on the part of ITT Cannon. Any new issue of this catalog shall automatically invalidate and supersede any and all previous issues. A limited warranty applies to ITT Cannon products. Except for obligations assumed by ITT Cannon under this warranty, ITT Cannon shall not be liable for any loss, damage, cost of repairs, incidental or consequential damages of any kind, whether or not based on express or implied warranty, contract, negligence or strict liability arising in connection with the design, manufacture, sale, use or repair of the products. Product availability, prices and delivery dates are exclusively subject to our respective order confirmation form; the same applies to orders based on development samples delivered. This catalog is not be construed as an offer. It is intended merely as an invitation to make an offer. By this publication, ITT Cannon does not assume responsibility or any liability for any patent infringements or other rights of third parties which may result from its use. Reprinting this catalog is generally permitted, indicating the source. However, ITT Cannon's prior consent must be obtained in all cases. Cannon is a trademark of ITT Industries, Inc
31


▲Up To Search▲   

 
Price & Availability of KPT02A9-36PWDN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X